Part Number Hot Search : 
MSM51 MC54H NTE13 MC44603P 00341736 CX81801 BM200 RS2A1
Product Description
Full Text Search
 

To Download LT3092ESTPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT3092 200mA 2-Terminal Programmable Current Source FEATURES
n n n n n n n n n n n
DESCRIPTION
The LT(R)3092 is a programmable 2-terminal current source. It requires only two resistors to set an output current between 0.5mA and 200mA. A multitude of analog techniques lend themselves to actively programming the output current. The LT3092 is stable without input and output capacitors, offering high DC and AC impedance. This feature allows operation in intrinsically safe applications. The SET pin features 1% initial accuracy and low temperature coefficient. Current regulation is better than 10ppm/V from 1.5V to 40V. The LT3092 can operate in a 2-terminal current source configuration in series with signal lines. It is ideal for driving sensors, remote supplies, and as a precision current limiter for local supplies. Internal protection circuitry includes reverse-battery and reverse-current protection, current limiting and thermal limiting. The LT3092 is offered in the 8-lead TSOT-23, 3-lead SOT-223 and 8-lead 3mm x 3mm DFN packages.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners.
Programmable 2-Terminal Current Source Maximum Output Current: 200mA Wide Input Voltage Range: 1.2V to 40V Input/Output Capacitors Not Required Resistor Ratio Sets Output Current Initial Set Pin Current Accuracy: 1% Reverse-Voltage Protection Reverse-Current Protection <0.001%/V Line Regulation Typical Current Limit and Thermal Shutdown Protection Available in 8-Lead SOT-23, 3-Lead SOT-223 and 8-Lead 3mm x 3mm DFN Packages
APPLICATIONS
n n n n n
2-Terminal Floating Current Source GND Referred Current Source Variable Current Source In-Line Limiter Intrinsic Safety Circuits
TYPICAL APPLICATION
Adjustable 2-Terminal Current Source
VIN - VOUT = 1.2V TO 40V LT3092 10A IN SET PIN CURRENT (A) 10.100 10.075 10.050 10.025 10.000 9.975 9.950 9.925
3092 TA01a
SET Pin Current vs Temperature
+ -
SET RSET OUT ROUT
9.900 -50 -25
0
ISOURCE = 10A *
R SET ROUT
25 50 75 100 125 150 TEMPERATURE (C)
3092 TA01b
3092fb
1
LT3092 ABSOLUTE MAXIMUM RATINGS
(Note 1) All Voltages Relative to VOUT
IN Pin Voltage Relative to SET, OUT ........................40V SET Pin Current (Note 6) .....................................15mA SET Pin Voltage (Relative to OUT, Note 6) ...............10V Output Short-Circuit Duration .......................... Indefinite
Operating Junction Temperature Range (Notes 2, 8) E, I Grades ......................................... -40C to 125C MP Grade........................................... -55C to 125C Storage Temperature Range................... -65C to 150C Lead Temperature (ST, TS8 Packages Only) Soldering, 10 sec .............................................. 300C
PIN CONFIGURATION
TOP VIEW OUT OUT NC SET 1 2 3 4 9 8 IN 7 IN 6 NC 5 NC TAB IS OUT TOP VIEW 3 2 1 IN OUT SET NC 1 OUT 2 OUT 3 OUT 4 TOP VIEW 8 IN 7 IN 6 NC 5 SET
DD PACKAGE 8-LEAD (3mm 3mm) PLASTIC DFN TJMAX = 125C, JA = 28C/W, JC = 10C/W EXPOSED PAD (PIN 9) IS OUT, MUST BE SOLDERED TO OUT ON THE PCB. SEE THE APPLICATIONS INFORMATION SECTION.
ST PACKAGE 3-LEAD PLASTIC SOT-223 TJMAX = 125C, JA = 24C/W, JC = 15C/W TAB IS OUT, MUST BE SOLDERED TO OUT ON THE PCB. SEE THE APPLICATIONS INFORMATION SECTION.
TS8 PACKAGE 8-LEAD PLASTIC TSOT-23 TJMAX = 125C, JA = 57C/W, JC = 15C/W
ORDER INFORMATION
LEAD FREE FINISH LT3092EDD#PBF LT3092IDD#PBF LT3092EST#PBF LT3092IST#PBF LT3092MPST#PBF LT3092ETS8#PBF LT3092ITS8#PBF LEAD BASED FINISH LT3092EDD LT3092IDD LT3092EST LT3092IST LT3092MPST LT3092ETS8 LT3092ITS8 TAPE AND REEL LT3092EDD#TRPBF LT3092IDD#TRPBF LT3092EST#TRPBF LT3092IST#TRPBF LT3092MPST#TRPBF LT3092ETS8#TRPBF LT3092ITS8#TRPBF TAPE AND REEL LT3092EDD#TR LT3092IDD#TR LT3092EST#TR LT3092IST#TR LT3092MPST#TR LT3092ETS8#TR LT3092ITS8#TR PART MARKING* LFJD LFJD 3092 3092 3092MP LTFJW LTFJW PART MARKING* LFJD LFJD 3092 3092 3092MP LTFJW LTFJW PACKAGE DESCRIPTION 8-Lead (3mm x 3mm) Plastic DFN 8-Lead (3mm x 3mm) Plastic DFN 3-Lead Plastic SOT-223 3-Lead Plastic SOT-223 3-Lead Plastic SOT-223 8-Lead Plastic SOT-23 8-Lead Plastic SOT-23 PACKAGE DESCRIPTION 8-Lead (3mm x 3mm) Plastic DFN 8-Lead (3mm x 3mm) Plastic DFN 3-Lead Plastic SOT-223 3-Lead Plastic SOT-223 3-Lead Plastic SOT-223 8-Lead Plastic SOT-23 8-Lead Plastic SOT-23 TEMPERATURE RANGE -40C to 125C -40C to 125C -40C to 125C -40C to 125C -55C to 125C -40C to 125C -40C to 125C TEMPERATURE RANGE -40C to 125C -40C to 125C -40C to 125C -40C to 125C -55C to 125C -40C to 125C -40C to 125C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
3092fb
2
LT3092 ELECTRICAL CHARACTERISTICS
PARAMETER SET Pin Current Offset Voltage (VOUT - VSET) Current Regulation (Note 7) Line Regulation Minimum Load Current (Note 3) Dropout Voltage (Note 4) Current Limit Reference Current RMS Output Noise (Note 5) Ripple Rejection ISET VOS ISET VOS ISET VOS
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TJ = 25C. (Note 2)
CONDITIONS VIN = 2V, ILOAD = 1mA 2V VIN 40V, 1mA ILOAD 200mA VIN = 2V, ILOAD = 1mA VIN = 2V, ILOAD = 1mA ILOAD = 1mA to 200mA ILOAD = 1mA to 200mA VIN = 2V to 40V, ILOAD = 1mA VIN = 2V to 40V, ILOAD = 1mA 2V VIN 40V ILOAD = 10mA ILOAD = 200mA VIN = 5V, VSET = 0V, VOUT = -0.1V 10Hz f 100kHz f = 120Hz, VRIPPLE = 0.5VP-P, ILOAD = 0.1A, CSET = 0.1F COUT = 2.2F , f = 10kHz f = 1MHz ISET 10ms Pulse
l l l l l l l
MIN 9.9 9.8 -2 -4
TYP 10 10
MAX 10.1 10.2 2 4
UNITS A A mV mV nA mV nA/V mV/V A V V mA nARMS dB dB dB %/W
-0.1 -0.5 0.03 0.003 300 1.22 1.3 200 300 0.7 90 75 20 0.003
-2 0.2 0.010 500 1.45 1.65
Thermal Regulation
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: Unless otherwise specified, all voltages are with respect to VOUT. The LT3092E is tested and specified under pulse load conditions such that TJ TA. The LT3092E is 100% tested at TA = 25C. Performance at -40C and 125C is assured by design, characterization, and correlation with statistical process controls. The LT3092I is guaranteed to meet all data sheet specifications over the full -40C to 125C operating junction temperature range. The LT3092MP is 100% tested and guaranteed over the -55C to 125C operating junction temperature range. Note 3: Minimum load current is equivalent to the quiescent current of the part. Since all quiescent and drive current is delivered to the output of the part, the minimum load current is the minimum current required to maintain regulation.
Note 4: For the LT3092, dropout is specified as the minimum input-tooutput voltage differential required supplying a given output current. Note 5: Adding a small capacitor across the reference current resistor lowers output noise. Adding this capacitor bypasses the resistor shot noise and reference current noise (see the Applications Information section). Note 6: Diodes with series 1k resistors clamp the SET pin to the OUT pin. These diodes and resistors only carry current under transient overloads. Note 7: Current regulation is Kelvin-sensed at the package. Note 8: This IC includes overtemperature protection that protects the device during momentary overload conditions. Junction temperature exceeds the maximum operating junction temperature when overtemperature protection is active. Continuous operation above the specified maximum operating junction temperature may impair device reliability.
3092fb
3
LT3092 TYPICAL PERFORMANCE CHARACTERISTICS
SET Pin Current
10.100 10.075 SET PIN CURRENT (A) OFFSET VOLTAGE (mV) 10.050 10.025 10.000 9.975 9.950 9.925 9.900 -50 -25 0 25 50 75 100 125 150 TEMPERATURE (C) 3092 G01 9.80 10 10.20 9.90 10.10 SET PIN CURRENT DISTRIBUTION (A)
3092 G02
SET Pin Current Distribution
N = 1326 2.0 1.5 1.0 0.5 0.0 -0.5 -1.0 -1.5
Offset Voltage (VOUT - VSET)
-2.0 -50 -25
0
25 50 75 100 125 150 TEMPERATURE (C)
3092 G03
Offset Voltage Distribution
N = 1326 1.00 0.75 OFFSET VOLTAGE (mV) 0.50 0.25 0 -0.25 -0.50 -0.75 -2 0 -1 1 VOS DISTRIBUTION (mV) 2
3092 G04
Offset Voltage
IOUT = 1mA
-1.00 0 5 10 15 20 25 30 35 INPUT-TO-OUTPUT VOLTAGE (V) 40
3092 G05
Offset Voltage
100 0 OFFSET VOLTAGE (V) -50 -100 -150 -200 -250 -300 -350 -400 0 50 150 100 LOAD CURRENT (mA) 200
3092 G06
Current Regulation
20 CHANGE IN REFERENCE CURRENT WITH LOAD (nA) 10 0 -10 -20 -30 -40 -50 -60 -70 -80 -50 -25 0 25 50 75 100 125 150 TEMPERATURE ( C)
3092 G07
50
IOUT = 1mA TO 200mA VIN - VOUT = 3V
3092fb
4
LT3092 TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Output Current
600 DROPOUT VOLTAGE (VIN - VOUT) (V) MINIMUM OUTPUT CURRENT (A) 500 400 300 200 100 0 -50 -25 1.6 DROPOUT VOLTAGE (VIN - VOUT) (V) 1.4 TJ = -55C 1.2 TJ = 25C 1.0 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 200 LOAD CURRENT (mA)
3092 G09
Dropout Voltage
1.4 1.2 1.0 0.8 0.6 0.4 0.2
Dropout Voltage
ILOAD = 200mA ILOAD = 100mA
TJ = 125C
0
25 50 75 100 125 150 TEMPERATURE (C) 3092 G08
0 -50 -25
0
25 50 75 100 125 150 TEMPERATURE (C) 3092 G10
Current Limit
400 350 CURRENT LIMIT (mA) CURRENT LIMIT (mA) 300 250 200 150 100 50 0 TJ = 25C 0 2 6 8 10 4 INPUT-TO-OUTPUT DIFFERENTIAL VOLTAGE (V)
3092 G11
Current Limit
500 450 400 350 300 250 200 150 100 50 VIN = 7V VOUT = 0V 0 25 50 75 100 125 150 TEMPERATURE (C) 3092 G12 0 -50 -25
Line Transient Response
INPUT VOLTAGE (V) INPUT VOLTAGE (V) 8 6 4 2 0 1.5 1mA CURRENT SOURCE 1.0 CONFIGURATION 0.5 0 -0.5 -1.0 0 10 20 30 40 50 60 70 80 90 100 TIME (s)
3092 G13
Line Transient Response
10 8 6 4 2 10mA CURRENT SOURCE CONFIGURATION
10 5 0 -5 -10 OUTPUT CURRENT DEVIATION (mA)
OUTPUT CURRENT DEVIATION (mA)
0
10 20 30 40 50 60 70 80 90 100 TIME (s)
3092 G14
3092fb
5
LT3092 TYPICAL PERFORMANCE CHARACTERISTICS
Turn-On Response
INPUT VOLTAGE (V) 6 4 2 0 1.0 0.5 0 0 5 10 15 20 25 30 35 40 45 50 TIME (s)
3092 G15
Turn-On Response
INPUT VOLTAGE (V) 8 6 4 2 0 15 10 5 0 0 5 10 15 20 25 30 35 40 45 50 TIME (s)
3092 G16
8 1mA CURRENT SOURCE CONFIGURATION
10mA CURRENT SOURCE CONFIGURATION
OUTPUT CURRENT (mA)
OUTPUT CURRENT (mA)
Residual Output for Less Than Minimum Output Current
800 700 OUTPUT VOLTAGE (mV) 600 500 400 300 200 100 0 0 1000 RTEST () 2000
3092 G17
Output Impedance
1G 100M ISOURCE = 1mA
SET PIN = 0V VIN VOUT RTEST VIN = 5V OUTPUT IMPEDANCE () VIN = 36V
10M ISOURCE = 10mA 1M 100k 10k 1k 100 10 1 10 100 1k 10k 100k FREQUENCY (Hz) 1M 10M
3092 G18
ISOURCE = 100mA
Noise Spectral Density
100 REFERENCE CURRENT NOISE SPECTRAL DENSITY (pA/Hz)
10
1
0.1
0.01 10
100
1k 10k FREQUENCY (Hz)
100k
3092 G19
3092fb
6
LT3092 PIN FUNCTIONS
(DD/ST/TS8)
IN (Pins 7, 8/Pin 3/Pins 7, 8): Input. This pin supplies power to bias internal circuitry and supply output load current. For the device to operate properly and regulate, the voltage on this pin must be 1.2V to 1.4V above the OUT pin (depending on output load current--see the dropout voltage specifications in the Electrical Characteristics table). NC (Pins 3, 5, 6/NA/Pins 1, 6): No Connection. These pins have no connection to internal circuitry and may be tied to IN, OUT, GND or floated. OUT (Pins 1, 2/Pin 2/Pins 2, 3, 4): Output. This is the power output of the device. The minimum current source value to which the LT3092 can be set is 0.5mA or the device will not regulate.
SET (Pin 4/Pin 1/Pin 5): Set. This pin is the error amplifier's noninverting input and also sets the operating bias point of the circuit. A fixed 10A current source flows out of this pin. Two resistors program IOUT as a function of the resistor ratio relative to 10A. Output current range is 0.5mA to the maximum rated 200mA level. Exposed Pad/Tab (Pin 9/Tab/NA): Output. The Exposed Pad of the DFN package and the Tab of the SOT-223 package are tied internally to OUT. Tie them directly to the OUT pins (Pins 1, 2/Pin 2) at the PCB. The amount of copper area and planes connected to OUT determine the effective thermal resistance of the packages (see the Applications Information section).
BLOCK DIAGRAM
IN 10A
SET
+ -
OUT
3092 BD
3092fb
7
LT3092 APPLICATIONS INFORMATION
Introduction The LT3092 is a versatile IC that operates as a 2-terminal programmable current source with the addition of only two external resistors; no external bypass capacitors are needed for stability. The LT3092 is easy to use and has all the protection features expected in high performance products. Included are reverse-voltage protection, reverse-current protection, short-circuit protection and thermal shutdown with hysteresis. The LT3092 operates with or without input and output capacitors. The simplest current source application requires only two discrete resistors to set a constant output current up to 200mA. A variety of analog techniques lend themselves to regulating and varying the current source value. The device utilizes a precision "0" TC 10A reference current source to program output current. This 10A current source connects to the noninverting input of a power operational amplifier. The power operational amplifier provides a low impedance buffered output of the voltage on the noninverting input. Many application areas exist in which operation without input and output capacitors is advantageous. A few of these applications include sensitive circuits that cannot endure surge currents under fault or overload conditions and intrinsic safety applications in which safety regulations limit energy storage devices that may spark or arc. Programming Output Current in 2-Terminal Current Source Mode Setting the LT3092 to operate as a 2-terminal current source is a simple matter. The 10A reference current from the SET pin is used with one resistor to generate a small voltage, usually in the range of 100mV to 1V (200mV is a level that will help reject offset voltage, line regulation, and other errors without being excessively large). This voltage is then applied across a second resistor that connects from OUT to the first resistor. Figure 1 shows connections and formulas to calculate a basic current source configuration. With a 10A current source generating the reference that gains up to set output current, leakage paths to or from the SET pin can create errors in the reference and output currents. High quality insulation should be used (e.g., Teflon, Kel-F). The cleaning of all insulating surfaces to remove fluxes and other residues may be required. Surface coating may be necessary to provide a moisture barrier in high humidity environments. Minimize board leakage by encircling the SET pin and circuitry with a guard ring operated at a potential close to itself; tie the guard ring to the OUT pin. Guarding both sides of the circuit board is required. Bulk leakage reduction depends on the guard ring width. Ten nanoamperes of leakage into or out of the SET pin and its associated circuitry creates a 0.1% reference current error. Leakages of this magnitude, coupled with other sources of leakage, can cause significant offset voltage and reference current drift, especially over the possible operating temperature range.
LT3092 10A IN
+ -
SET + VSET - IOUT RSET ROUT OUT
IOUT 0 . 5mA VSET = 10A * R SET IOUT = VSET 10A * R SET = ROUT ROUT
3092 F01
Figure 1. Using the LT3092 as a Current Source
Selecting RSET and ROUT In Figure 1, both resistors RSET and ROUT program the value of the output current. The question now arises: the ratio of these resistors is known, but what value should each resistor be? The first resistor to select is RSET. The value selected should generate enough voltage to minimize the error caused by the offset between the SET and OUT pins. A reasonable starting level is 200mV of voltage across RSET (RSET equal to 20k). Resultant errors due to offset voltage are a few percent. The lower the voltage across RSET becomes, the higher the error term due to the offset.
3092fb
8
LT3092 APPLICATIONS INFORMATION
From this point, selecting ROUT is easy, as it is a straightforward calculation from RSET. Take note, however, resistor errors must be accounted for as well. While larger voltage drops across RSET minimize the error due to offset, they also increase the required operating headroom. Obtaining the best temperature coefficient does not require the use of expensive resistors with low ppm temperature coefficients. Instead, since the output current of the LT3092 is determined by the ratio of RSET to ROUT, those resistors should have matching temperature characteristics. Less expensive resistors made from the same material will provide matching temperature coefficients. See resistor manufacturers' data sheets for more details. Stability and Frequency Compensation The LT3092 does not require input or output capacitors for stability in many current-source applications. Clean, tight PCB layouts provide a low reactance, well controlled operating environment for the LT3092 without requiring capacitors to frequency-compensate the circuit. The front page Typical Application circuit illustrates the simplicity of using the LT3092. Some current source applications will use a capacitor connected in parallel with the SET pin resistor to lower the current source's noise. This capacitor also provides a soft-start function for the current source. This capacitor connection is depicted in Figure 7 (see the Quieting the Noise section). When operating with a capacitor across the SET pin resistor, external compensation is usually required to maintain stability and compensate for the introduced pole. The following paragraphs discuss methods for stabilizing the LT3092 for either this capacitance or other complex impedances that may be presented to the device. Linear Technology strongly recommends testing stability in situ with final components before beginning production. Although the LT3092's design strives to be stable without any capacitors over a wide variety of operating conditions, it is not possible to test for all possible combinations of input and output impedances that the LT3092 will encounter. These impedances may include resistive, capacitive and inductive components and may be complex distributed networks. In addition, the current source's value will differ between applications and its connection may be GND referenced, power supply referenced or floating in a signal line path. Linear Technology strongly recommends that stability be tested in situ for any LT3092 application. In LT3092 applications with long wires or PCB traces, the inductive reactance may cause instability. In some cases, adding series resistance to the input and output lines (as shown in Figure 2) may sufficiently dampen these possible high-Q lines and provide stability. The user must evaluate the required resistor values against the design's headroom constraints. In general, operation at low output current levels (< 5mA) automatically requires higher values of programming resistors and may provide the necessary damping without additional series impedance. If the line impedances in series with the LT3092 are complex enough such that series damping resistors are not sufficient, a frequency compensation network may be necessary. Several options may be considered.
LONG LINE REACTANCE/INDUCTANCE RSERIES LT3092 10A IN
+ -
SET RSET RSERIES OUT ROUT
3092 F02
LONG LINE REACTANCE/INDUCTANCE
Figure 2. Adding Series Resistor Decouples and Dampens Long Line Reactances
3092fb
9
LT3092 APPLICATIONS INFORMATION
Figure 3 depicts the simplest frequency compensation network as a single capacitor connected across the two terminals of the current source. In this case, either a capacitor with a value less than 1000pF or greater than , 1F (ESR < 0.5), may stabilize the circuit. Some applications may use the small value capacitor to stand off DC voltage, but allow the transfer of data down a signal line. For some applications, this capacitance range may be unacceptable or present a design constraint. One circuit example typifying this is an "intrinsically-safe" circuit in which an overload or fault condition potentially allows the capacitor's stored energy to create a spark or arc. For applications in which a single capacitor is unacceptable, Figure 3 alternately shows a series RC network connected across the two terminals of the current source. This network has two benefits. First, it limits the potential discharge current of the capacitor under a fault condition, preventing sparks or arcs. Second, it bridges the gap between the upper bound of 1000pF for small capacitors to the lower bound of 1F for large capacitors such that almost any value capacitor can be used. This allows the user greater flexibility for frequency compensating the loop and fine tuning the RC network for complex impedance networks. In many instances, a series RC network is the best solution for stabilizing the application circuit. Typical resistor values will range from 100 to about 5k, especially for capacitor values in between 1000pF and 1F Once again, Linear . Technology strongly recommends testing stability in situ for any LT3092 application across all operating conditions, especially ones that present complex impedance networks at the input and output of the current source. If an application refers the bottom of the LT3092 current source to GND, it may be necessary to bypass the top of the current source with a capacitor to GND. In some cases, this capacitor may already exist and no additional capacitance is required. For example, if the LT3092 was used as a variable current source on the output of a power supply, the output bypass capacitance would suffice to provide LT3092 stability. Other applications may require the addition of a bypass capacitor. Once again, the same capacitor value requirements previously mentioned apply in that an upper bound of 1000pF exists for small values of capacitance, and a lower bound of 1F (ESR < 0.5) exists for large value capacitors. A series RC network may also be used as necessary, and depends on the application requirements. In some extreme cases, capacitors or series RC networks may be required on both the LT3092's input and output to stabilize the circuit. Figure 4 depicts a general application using input and output capacitor networks, rather than an input-to-output capacitor. As the input of the current source tends to be high impedance, placing a capacitor on the input does not have the same effect as placing a
VIN
LT3092 10A
IN
RCOMP CCOMP OR
RIN CIN
LT3092 10A
IN
+ -
SET RSET OUT ROUT
3092 F03
CCOMP
+ -
SET RSET
3092 F04
OUT ROUT ROUT COUT OR COUT
IOUT
Figure 3. Compensation From Input to Output of Current Source Provides Stability Figure 4. Input and/or Output Capacitors May Be Used for Compensation
3092fb
10
LT3092 APPLICATIONS INFORMATION
capacitor on the lower impedance output, and the same restrictions do not apply. Capacitors in the range of 0.1F to 1F usually provide sufficient bypassing on the input, and the value of input capacitance may be increased without limit. If an application uses GND referred capacitors on the input or output (particularly the input), pay attention to the length of the lines powering and returning ground from the circuit. In the case where long power supply and return lines are coupled with low ESR input capacitors, application-specific voltage spikes, oscillations and reliability concerns may be seen. This is not an issue with LT3092 stability, but rather the low ESR capacitor forming a high-Q resonant tank circuit with the inductance of the input wires. Adding series resistance with the input of the LT3092, or with the input capacitor, often solves this. Resistor values of 0.1 to 1 are often sufficient to dampen this resonance. Give extra consideration to the use of ceramic capacitors. Ceramic capacitors are manufactured with a variety of dielectrics, each with different behavior across temperature and applied voltage. The most common dielectrics used are specified with EIA temperature characteristic codes of Z5U, Y5V, X5R and X7R. The Z5U and Y5V dielectrics are good for providing high capacitances in a small package,
20 0 CHANGE IN VALUE (%) X5R -20 -40 -60 Y5V -80 -100 CHANGE IN VALUE (%)
but they tend to have strong voltage and temperature coefficients as shown in Figures 5 and 6. When used with a 5V regulator, a 16V 10F Y5V capacitor can exhibit an effective value as low as 1F to 2F for the DC bias voltage applied and over the operating temperature range. The X5R and X7R dielectrics result in more stable characteristics and are more suitable for use as the output capacitor. The X7R type has better stability across temperature, while the X5R is less expensive and is available in higher values. Care still must be exercised when using X5R and X7R capacitors; the X5R and X7R codes only specify operating temperature range and maximum capacitance change over temperature. Capacitance change due to DC bias with X5R and X7R capacitors is better than Y5V and Z5U capacitors, but can still be significant enough to drop capacitor values below appropriate levels. Capacitor DC bias characteristics tend to improve as component case size increases, but expected capacitance at operating voltage should be verified. Voltage and temperature coefficients are not the only sources of problems. Some ceramic capacitors have a piezoelectric response. A piezoelectric device generates voltage across its terminals due to mechanical stress. In a ceramic capacitor the stress can be induced by vibrations in the system or thermal transients.
40
BOTH CAPACITORS ARE 16V, 1210 CASE SIZE, 10F
20 0 -20 -40 -60 -80 BOTH CAPACITORS ARE 16V, 1210 CASE SIZE, 10F 50 25 75 0 TEMPERATURE (C) 100 125 Y5V X5R
0
2
4
8 6 10 12 DC BIAS VOLTAGE (V)
14
16
-100 -50 -25
3092 F05
3092 F06
Figure 5. Ceramic Capacitor DC Bias Characteristics
Figure 6. Ceramic Capacitor Temperature Characteristics
3092fb
11
LT3092 APPLICATIONS INFORMATION
Quieting the Noise When a reduction in the noise of the current source is desired, a small capacitor can be placed across RSET (CSET in Figure 7). Normally, the 10A reference current source generates noise current levels of 2.7pA/Hz (0.7nARMS over the 10Hz to 100kHz bandwidth). The SET pin resistor generates a spot noise equal to in = 4kT/R (k = Boltzmann's constant, 1.38 * 10-23J/K, and T is absolute temperature) which is RMS-summed with the noise generated by the 10A reference current source. Placing a CSET capacitor across RSET (as shown in Figure 7) bypasses this noise current. Note that this noise reduction capacitor increases start-up time as a factor of the time constant formed by RSET * CSET. When using a capacitor across the SET pin resistor, the external pole introduced usually requires compensation to maintain stability. See the Stability and Frequency Compensation section for detailed descriptions on compensating LT3092 circuits. A curve in the Typical Performance Characteristics section depicts noise spectral density for the reference current over a 10Hz to 100kHz bandwidth. Paralleling Devices Obtain higher output current by paralleling multiple LT3092's together. The simplest application is to run two current sources side by side and tie their inputs together and their outputs together, as shown in Figure 8. This allows the sum of the current sources to deliver more output current than a single device is capable of delivering. Another method of paralleling devices requires fewer components and helps to share power between devices. Tie the individual SET pins together and tie the individual IN pins together. Connect the outputs in common using small pieces of PC trace as ballast resistors to promote equal current sharing. PC trace resistance in milliohms/ inch is shown in Table 1. Ballasting requires only a tiny area on the PCB.
Table 1. PC Board Trace Resistance
WEIGHT (oz) 10mil WIDTH 1 54.3 2 27.1 Trace resistance is measured in m/in 20mil WIDTH 27.1 13.6
LT3092 10A
IN
RCOMP CCOMP OR
The worst-case room temperature offset, only 2mV between the SET pin and the OUT pin, allows the use of very small ballast resistors. As shown in Figure 9, each LT3092 has a small 40m ballast resistor, which at full output current gives better than 80% equalized sharing of the current. The external resistance of 40m (20m for the two devices in parallel) only adds about 8mV of output voltage compliance at an output of 0.4A. Of course, paralleling more than two LT3092's yields even higher output current. Spreading the device on the PC board also spreads the heat. Series input resistors can further spread the heat if the input-to-output difference is high. Thermal Considerations The LT3092's internal power and thermal limiting circuitry protects itself under overload conditions. For continuous normal load conditions, do not exceed the 125C maximum junction temperature. Carefully consider all sources of thermal resistance from junction-to-ambient. This includes (but is not limited to) junction-to-case, case-to-heat sink
3092fb
+ -
SET CSET RSET ROUT
3092 F07
CCOMP
OUT
Figure 7. Adding CSET Lowers Current Noise
12
LT3092 APPLICATIONS INFORMATION
IOUT LT3092 10A IN LT3092 IN 10A
300
300
+ -
SET 20k OUT 1.33 1.33 OUT
+ -
SET 20k
3092 F08
IOUT, 300mA
Figure 8. Connect Two LT3092s for Higher Current
IOUT
LT3092 10A
IN
LT3092 10A
IN Rx
+ -
SET 40m* SET
+ -
Rx =
40m*
VIN(MAX ) * R 90 %
1V
50k
3092 F09
R 2.5 *40m PC BOARD TRACE IOUT, 400mA
Figure 9. Parallel Devices
interface, heat sink resistance or circuit board-to-ambient as the application dictates. Consider all additional, adjacent heat generating sources in proximity on the PCB. Surface mount packages provide the necessary heat sinking by using the heat spreading capabilities of the PC board, copper traces and planes. Surface mount heat sinks, plated through-holes and solder filled vias can also spread the heat generated by power devices. Junction-to-case thermal resistance is specified from the IC junction to the bottom of the case directly, or the bottom of the pin most directly, in the heat path. This is the lowest thermal resistance path for heat flow. Only proper device mounting ensures the best possible thermal flow from this area of the package to the heat sinking material.
Note that the Exposed Pad of the DFN package and the Tab of the SOT-223 package are electrically connected to the output (VOUT). The following tables list thermal resistance as a function of copper areas in a fixed board size. All measurements were taken in still air on a four-layer FR-4 board with 1oz solid internal planes and 2oz external trace planes with a total finished board thickness of 1.6mm. PCB layers, copper weight, board layout and thermal vias affect the resultant thermal resistance. Please reference JEDEC standard JESD51-7 for further information on high thermal conductivity test boards. Achieving low thermal resistance necessitates attention to detail and careful layout.
3092fb
13
LT3092 APPLICATIONS INFORMATION
Demo circuit 1531A's board layout using multiple inner VOUT planes and multiple thermal vias achieves 28C/W performance for the DFN package.
Table 2. DD Package, 8-Lead DFN
COPPER AREA TOPSIDE* 2500mm2 1000mm2 225mm2 100mm2 BACKSIDE 2500mm2 2500mm2 2500mm2 2500mm2 BOARD AREA 2500mm2 2500mm2 2500mm2 2500mm2 THERMAL RESISTANCE (JUNCTION-TO-AMBIENT) 25C/W 25C/W 28C/W 32C/W
VIN(MAX CONTINUOUS) = 16.5 (15V + 10%) VOUT(MIN CONTINUOUS) = 11.4V (12V - 5%) IOUT = 200mA Power dissipation under these conditions equals: PTOTAL = (16.5 - 11.4V)(200mA) = 1.02W Junction temperature equals: TJ = TA + PTOTAL * JA TJ = 50C + (1.02W * 30C/W) = 80.6C In this example, the junction temperature is below the maximum rating, ensuring reliable operation.
*Device is mounted on topside
Table 3. TS8 Package, 8-Lead SOT-23
COPPER AREA TOPSIDE* 2500mm2 1000mm2 225mm2 100mm2 BACKSIDE 2500mm2 2500mm2 2500mm2 2500mm2 BOARD AREA 2500mm2 2500mm2 2500mm2 2500mm2 THERMAL RESISTANCE (JUNCTION-TO-AMBIENT) 54C/W 54C/W 57C/W 63C/W
Protection Features The LT3092 incorporates several protection features ideal for battery-powered circuits, among other applications. In addition to normal circuit protection features such as current limiting and thermal limiting, the LT3092 protects itself against reverse-input voltages, reverse-output voltages, and reverse OUT-to-SET pin voltages. Current limit protection and thermal overload protection protect the IC against output current overload conditions. For normal operation, do not exceed a junction temperature of 125C. The thermal shutdown circuit's typical temperature threshold is 165C and has about 5C of hysteresis. The LT3092's IN pin withstands 40V voltages with respect to the SET and OUT pins. Reverse-current flow, if OUT is greater than IN, is less than 1mA (typically under 100A), protecting the LT3092 and sensitive loads. Clamping diodes and 1k limiting resistors protect the LT3092's SET pin relative to the OUT pin voltage. These protection components typically only carry current under transient overload conditions. These devices are sized to handle 10V differential voltages and 15mA crosspin current flow without concern.
*Device is mounted on topside
Table 4. ST Package, 3-Lead SOT-223
COPPER AREA TOPSIDE* 2500mm2 1000mm2 225mm2 100mm2 BACKSIDE 2500mm2 2500mm2 2500mm2 2500mm2 BOARD AREA 2500mm2 2500mm2 2500mm2 2500mm2 THERMAL RESISTANCE (JUNCTION-TO-AMBIENT) 20C/W 20C/W 24C/W 29C/W
*Device is mounted on topside For further information on thermal resistance and using thermal information, refer to JEDEC standard JESD51, notably JESD51-12.
Calculating Junction Temperature Example: Given an industrial factory application with an input voltage of 15V 10%, an output voltage of 12V 5%, an output current of 200mA and a maximum ambient temperature of 50C, what would be the maximum junction temperature for a DFN package? The total circuit power equals: PTOTAL = (VIN - VOUT)(IOUT) The SET pin current is negligible and can be ignored.
3092fb
14
LT3092 TYPICAL APPLICATIONS
Paralleling Current Sources for Higher Current Paralleling LT3092s with Ballast Resistor
LT3092 10A
IN
LT3092 10A
IN
LT3092 10A
IN
LT3092 10A
IN
+ -
SET R2 OUT R1 SET R4
+ -
OUT R3
3092 TA02
+ -
SET OUT R1 40m SET
+ -
OUT R3 40m
R2 R4 IOUT = 10A * + R1 R3
IOUT
R2 40.2k
3092 TA03
R4 2 400mA
High Voltage Current Source
Decreasing Power Dissipation in LT3092 100mA Current Source
LT3092 10A
IN
LT3092 10A D1 35V
IN
+ -
SET R4 20k OUT R3 2
+ -
OUT SET
Rx
VMAX = ( VIN - VOUT )MAX Rx = VMAX 200mV * 90 % R1
IOUT 0 . 5mA IOUT = 200mV R1
R2 20k
3092 TA05
R1 2
LT3092 10A
IN
IOUT 100mA
+ -
SET + 200mV - R2 20k OUT R1 2
3092 TA04
D2 35V
Capacitor Adds Stability, But Limits Slew Rate
LT3092 10A
IN C1
IOUT 100mA
+ -
OUT SET R2 20k
3092 TA06
LIMIT
I dV 90 % * OUT dt C1
R1 2
IOUT 100mA
3092fb
15
LT3092 TYPICAL APPLICATIONS
Remote Temperature Sensor
VIN LT3092 10A IN LT3092 10A IN
DAC Controlled Current Source
IOUT = 0.5mA TO 100mA V+
Active Load
LT3092 10A
IN
+ -
SET OUT DAC OUTPUT 0V TO 1V SET
+ -
OUT 10
3092 TA08
+ -
SET 10k OUT 100 OUTPUT INPUT 1mA
49.9k MURATA NCP15WF104F03RC 1% 100k
49.9
IOUT
3092 TA09
LOAD
3092 TA07
Pulsed Current Source, Load to Ground
Fully Floating Current Source Switches From 200mA to Quiescent Current
VIN LT3092 10A IN LT3092 10A
VIN IN
+ -
SET 20k OUT OPTO-FET 1 IOUT 200mA ON OFF VN2222LL LOAD
3092 TA10
+ -
SET OUT
3092 TA11
100k
4.99
NEC PS 7801-1A
200mA
3092fb
16
LT3092 TYPICAL APPLICATIONS
Pulsed Current Source, Load to VIN
VIN LOAD IOUT LT3092 10A IN LT3092 10A IOUT
2-Terminal AC Current Limiter
+ -
SET 20k OUT 1
+ -
20k
IOUT
R
0 . 2V IOUT
IOUT ISET
3092 TA13
OFF ON
3092 TA12
Voltage Clamp
High Accuracy Current Source
VIN
IN LT3092 10A
LT3092 10A
IN
+ -
10k SET 10k 100k 10V 2N3906 2N3904 10k
OUT 4.99
+ -
VOUT SET LT1634-1.25 OUT 124 0.1%
3092 TA14
10mA IOUT
3092 TA15
VIN - VOUT = 11V TRIP POINT
3092fb
17
LT3092 TYPICAL APPLICATIONS
2-Level Current Source
VIN LT3092 10A IN
+ -
SET 100k 100k* 10V* VN2222LL* 10k* VOUT IOUT = 200mA, IF VIN - VOUT < 12V = 100mA, IF VIN - VOUT > 12V *CURRENT FOLDBACK CIRCUIT LIMITS THE LT3092 POWER DISSIPATION
3092 TA16
OUT 4.99
More Efficient Current Source
0.22F VIN 36V SHDN BOOST SW BIAS C3 47F ZVP3306F 1nF 1k LT3092 100 10A IN 33H
VIN
+ -
LT3470A FB GND
+ -
SET OUT 1 20k
3092 TA17
IOUT
3092fb
18
LT3092 PACKAGE DESCRIPTION
DD Package 8-Lead Plastic DFN (3mm x 3mm)
(Reference LTC DWG # 05-08-1698)
R = 0.115 TYP 5 0.675 0.05 0.38 0.10 8
3.5 0.05 1.65 0.05 2.15 0.05 (2 SIDES) PACKAGE OUTLINE 0.25 0.05 0.50 BSC 2.38 0.05 (2 SIDES) RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS NOTE: 1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WEED-1) 2. DRAWING NOT TO SCALE 3. ALL DIMENSIONS ARE IN MILLIMETERS 4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE PIN 1 TOP MARK (NOTE 6)
3.00 0.10 (4 SIDES)
1.65 0.10 (2 SIDES)
(DD) DFN 1203
0.200 REF
0.75 0.05
4 0.25 0.05 2.38 0.10 (2 SIDES)
1 0.50 BSC
0.00 - 0.05
BOTTOM VIEW--EXPOSED PAD 5. EXPOSED PAD SHALL BE SOLDER PLATED 6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON TOP AND BOTTOM OF PACKAGE
ST Package 3-Lead Plastic SOT-223
(Reference LTC DWG # 05-08-1630)
.248 - .264 (6.30 - 6.71) .114 - .124 (2.90 - 3.15) .059 MAX .129 MAX
.264 - .287 (6.70 - 7.30) .130 - .146 (3.30 - 3.71)
.248 BSC
.039 MAX .059 MAX .090 BSC
.181 MAX .0905 (2.30) BSC .071 (1.80) MAX .033 - .041 (0.84 - 1.04)
RECOMMENDED SOLDER PAD LAYOUT 10 - 16
10 MAX
.010 - .014 (0.25 - 0.36)
10 - 16 .024 - .033 (0.60 - 0.84) .181 (4.60) BSC .012 (0.31) MIN .0008 - .0040 (0.0203 - 0.1016)
ST3 (SOT-233) 0502
3092fb
19
LT3092 PACKAGE DESCRIPTION
TS8 Package 8-Lead Plastic TSOT-23
(Reference LTC DWG # 05-08-1637)
2.90 BSC (NOTE 4)
0.52 MAX
0.65 REF
1.22 REF
3.85 MAX 2.62 REF
1.4 MIN
2.80 BSC
1.50 - 1.75 (NOTE 4) PIN ONE ID
RECOMMENDED SOLDER PAD LAYOUT PER IPC CALCULATOR
0.65 BSC 0.80 - 0.90
0.22 - 0.36 8 PLCS (NOTE 3)
0.20 BSC DATUM `A' 1.00 MAX
0.01 - 0.10
0.30 - 0.50 REF
NOTE: 5. MOLD FLASH SHALL NOT EXCEED 0.254mm 1. DIMENSIONS ARE IN MILLIMETERS 6. JEDEC PACKAGE REFERENCE IS MO-193 2. DRAWING NOT TO SCALE 3. DIMENSIONS ARE INCLUSIVE OF PLATING 4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
0.09 - 0.20 (NOTE 3)
1.95 BSC
TS8 TSOT-23 0802
3092fb
20
LT3092 REVISION HISTORY
REV B DATE 12/09 DESCRIPTION Update Order Information
(Revision history begins at Rev B)
PAGE NUMBER 2
3092fb
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
21
LT3092 TYPICAL APPLICATIONS
USB LED Driver
USB LT3092 10A IN LT3092 10A IN
Current Limiter for Remote Power
VIN
+ -
SET SET OUT 1 20k 200mA LED
3092 TA18 3092 TA19
+ -
OUT 4.99 LDO VOUT
100k ADJUST LIMIT
RELATED PARTS
PART NUMBER LDO LT1761 LT1762 LTC1844 LT1962 LT1964 LT3008 LT3009 LT3020 LTC3025 LTC3035 LT3080/ LT3080-1 100mA, Low Noise LDO 150mA, Low Noise LDO 150mA, Very Low Dropout LDO 300mA, Low Noise LDO 200mA, Low Noise, Negative LDO 20mA, 45V, 3A IQ Micropower LDO 20mA, 20V, 3A IQ Micropower LDO 100mA, Low Voltage VLDO Linear Regulator 300mA Micropower VLDO Linear Regulator 300mA VLDO Linear Regulator with Charge Pump Bias Generator 1.1A, Parallelable, Low Noise, Low Dropout Linear Regulator 300mV Dropout Voltage, Low Noise: 20VRMS, VIN = 1.8V to 20V, ThinSOTTM Package 300mV Dropout Voltage, Low Noise: 20VRMS, VIN = 1.8V to 20V, MS8 Package 80mV Dropout Voltage, Low Noise <30VRMS, VIN = 1.6V to 6.5V, Stable with 1F Output Capacitors, ThinSOT Package 270mV Dropout Voltage, Low Noise: 20VRMS, VIN = 1.8V to 20V, MS8 Package 340mV Dropout Voltage, Low Noise 30VRMS, VIN = -1.8V to -20V, ThinSOT Package 280mV Dropout Voltage, Low IQ: 3A, VIN = 2V to 45V, VOUT = 0.6V to 39.5V; ThinSOT and 2mm x 2mm DFN-6 Packages 280mV Dropout Voltage, Low IQ: 3A, VIN = 1.6V to 20V, VOUT = 0.6V to 19.5V; ThinSOT and SC70 Packages VIN: 0.9V to 10V, VOUT : 0.2V to 5V (Min), VDO = 0.15V, IQ = 120A, Noise: <250VRMS, Stable with 2.2F Ceramic Capacitors, DFN-8, MS8 Packages VIN = 0.9V to 5.5V, Dropout Voltage: 45mV, Low Noise 80VRMS, Low IQ: 54A, 6-Lead 2mm x 2mm DFN Package VIN = 1.7V to 5.5V, VOUT : 0.4V to 3.6V, Dropout Voltage: 45mV, IQ: 100A, 3mm x 2mm DFN-8 300mV Dropout Voltage (2-Supply Operation), Low Noise: 40VRMS, VIN: 1.2V to 36V, VOUT : 0V to 35.7V, Current-Based Reference with 1-Resistor VOUT Set; Directly Parallelable (No Op Amp Required), Stable with Ceramic Caps, TO-220, SOT-223, MSOP-8 and 3mm x 3mm DFN-8 Packages; LT3080-1 Version Has Integrated Internal Ballast Resistor 275mV Dropout Voltage (2-Supply Operation), Low Noise: 40VRMS, VIN: 1.2V to 36V, VOUT : 0V to 35.7V, Current-based Reference with 1-Resistor VOUT Set; Directly Parallelable (No Op Amp Required), Stable with Ceramic Caps, MSOP-8 and 2mm x 3mm DFN-6 Packages 36V (44V Max) Current Sense, Dynamic Range of 2000:1, 106dB of PSRR 36V (44V Max) Current Sense, Dynamic Range of 2000:1, 106dB of PSRR, -55 to 150C (MP-Grade)
3092fb
DESCRIPTION
COMMENTS
LT3085
500mA, Parallelable, Low Noise, Low Dropout Linear Regulator
Current Sense Amplifiers LT6106 LT6107 Low Cost, 36V High Side Current Sense Amplifier High Temperature High Side Current Sense Amp in SOT-23
ThinSOT is a trademark of Linear Technology Corporation.
22 Linear Technology Corporation
(408) 432-1900 FAX: (408) 434-0507
LT 1209 REV B * PRINTED IN USA
1630 McCarthy Blvd., Milpitas, CA 95035-7417
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2009


▲Up To Search▲   

 
Price & Availability of LT3092ESTPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X